Part Number Hot Search : 
1SAM7 68HC705 MN103 2SC460 2SC460 2SC30 L132XPG AP9936
Product Description
Full Text Search
 

To Download BAT54SD-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-363 fast switching speed low forward voltage drop moisture sensitivity level 1 matte tin(sn) lead finish with nickel(ni) underplate pb free version and rohs compliant green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code case :sot-363 small outline plastic package weight : 0.006 gram (approximately) bat54t-g sot-363 3k / 7" reel rf maximum ratings and el ectrical characteristics rating at 25c ambient temperature unless otherwise specified. maximum ratin g s symbol units v rrm v rwm v r i f ma i frm ma i fsm ma p d mw r ja c/w t j , t stg o c electrical characteristics symbol units reverse breakdown voltag e v (br) v reverse current i r a total capacitance c t pf reverse recovery time t rr ns version : a13 ordering information (example) packing code part no. package packing code (green) packing bat54t/ad/cd/sd/br - g per mil-std-202, method 208 guaranteed high temperature soldering guaranteed: 260c/10s features 200mw surface mount schottky barrier diode small signal product mechanical data terminal: matte tin plat ed, lead free., solderable i f =i r =10ma, r l =100 ? , i rr =1ma rfg i f =10ma i f =30ma i f =0.1ma i f =1ma parameter repetitive peak forward current parameter v r =1v, f=1.0mhz -- -65 to 150 v f forward voltage forward surge current @ t < 1.0 s power dissipation thermal resistance, junction to ambient air operating and storage temperature i r =100 a i f =100ma 2.0 v r =25v peak repetitive peak reverse voltage working peak reverse voltage dc reverse voltage forward continuous current 5.0 note : detail please see "ordering information(detail, example)" below. -- -- -- -- -- -- 0.24 0.32 v -- value 30 200 300 10 0.40 0.50 1 manufacture code d0 v min 30 max -- 600 200 625
version : a13 small signal product ratings and characteristic curves 0.1 1 10 100 1000 0.0 0.2 0.4 0.6 0.8 1.0 i f , instantaneous forward current (a) v f , instantaneous forward voltage (v) fig. 1 forward characteristics t a = -40 o c t a =0 o c t a =25 o c t a =75 o c 0.001 0.010 0.100 1.000 10.000 100.000 0 102030 i r , instantaneous reverse current (ua) v r , instantaneous reverse voltage (v) fig. 2 typical reverse characteristics t a =125 o t a =75 o c t a =25 o c t a =0 o c 0 100 200 0 25 50 75 100 125 150 p d , power dissipation (mw) t a , ambient temperature (c) fig. 4 power derating curve 1 10 100 0 5 10 15 20 25 30 c t , capacitance between terminals (pf) v r , reverse voltage (v) fig. 3 fig. 3 capacitance between terminals characteristics t a =125 o
orderin g information ( detail , exam p le ) bat54t-g sot-363 rf rfg bat54t-g sot-363 rf rfg ta p e & reel s p ecification item symbol carrier width a carrier length b carrier depth c sprocket hole d reel outside diameter d reel inner diameter d1 feed hole width d2 sprocket hole position e punch hole position f sprocket hole pitch p0 embossment center p1 overall tape thickness t tape width w reel width w1 version : a13 small signal product packing code packing code (green) part no. package 12.30 0.20 2.00 0.05 0.229 0.013 packing manufacture code note 2 manufacture special control, if empty means no special control requirement. 8.10 0.20 3.15 0.10 2.77 0.10 1.22 0.10 1.50 0.10 55 min 178 1 13.0 0.20 3.50 0.05 4.00 0.10 1.75 0.10 d0 dimension(mm) bat54xx-g (note 1) sot-363 rf 3k / 7" reel rfg (note 2) note 1 "xx" is device code from "t" thru "br" 3k / 7" reel 3k / 7" reel
dimensions min max min max a 1.80 2.20 0.071 0.087 b 1.15 1.35 0.045 0.053 c 0.15 0.35 0.006 0.014 d 1.20 1.40 0.047 0.055 e 2.15 2.45 0.085 0.096 f 0.90 1.10 0.035 0.043 g - 0.1 - 0.004 h 0.05 0.15 0.002 0.006 i 0.25 - 0.010 - suggested pad layout bat54t-g kla bat54ad-g kl6 bat54cd-g kl7 BAT54SD-G kl8 bat54br-g klb version : a13 0.80 2.40 0.95 value ( in mm ) 3.20 1.60 0.55 g x y c1 unit(mm) dimensions z c2 markimg part no. marking code small signal product pin configuration unit(inch) dim.


▲Up To Search▲   

 
Price & Availability of BAT54SD-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X